Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5975D Datasheet(PDF) 31 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 27Page - STMicroelectronics R5975D Datasheet HTML 28Page - STMicroelectronics R5975D Datasheet HTML 29Page - STMicroelectronics R5975D Datasheet HTML 30Page - STMicroelectronics R5975D Datasheet HTML 31Page - STMicroelectronics R5975D Datasheet HTML 32Page - STMicroelectronics R5975D Datasheet HTML 33Page - STMicroelectronics R5975D Datasheet HTML 34Page - STMicroelectronics R5975D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
DocID026878 Rev 1
31/47
R5975D
Application information
47
At VIN = 12 V and VOUT = 5 V the device can deliver 3 A continuously (see Figure 17)
because the total power loss is now lower than 2.5 W [(
switching loss +quiescent loss)
<
conduction loss].
As a consequence, the calculation of the internal power losses must be done for each
specific operating condition given by the final application.
In applications where the current to the output is pulsed, the thermal impedance should be
considered instead of the thermal resistance.
The thermal impedance of the system could be much lower than the thermal resistance,
which is a static parameter. And so the maximum power losses can be higher than 2.5 W if
a pulsed output power is requested from the load:
Equation 30
Therefore, depending on the pulse duration and its frequency, the maximum output current
can be delivered to the load.
The characterization of the thermal impedance is strictly dependent on the layout of the
board. In Figure 17 the measurement of the thermal impedance of the demonstration board
of the R5975D is provided.
Figure 17. Measurement of the thermal impedance of the demonstration board
As can be seen, for example, for load pulses with a duration of 1 second, the actual thermal
impedance is lower than 20
C/W. This means that, for short pulses, the device can deliver
a higher output current value.
PMAX t
T
ZTH t
-----------------
TJ MAX TAMB
–
ZTH t
--------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com