Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5975D Datasheet(PDF) 32 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 28Page - STMicroelectronics R5975D Datasheet HTML 29Page - STMicroelectronics R5975D Datasheet HTML 30Page - STMicroelectronics R5975D Datasheet HTML 31Page - STMicroelectronics R5975D Datasheet HTML 32Page - STMicroelectronics R5975D Datasheet HTML 33Page - STMicroelectronics R5975D Datasheet HTML 34Page - STMicroelectronics R5975D Datasheet HTML 35Page - STMicroelectronics R5975D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Application information
R5975D
32/47
DocID026878 Rev 1
8.4
RMS current of the embedded power MOSFET
As the R5975D embeds the high side switch, the internal power dissipation is sometimes
the bottleneck for the output current capability (refer to Section 8.3 for the estimation of the
operating temperature).
Nevertheless, as mentioned in Description on page 1, the device can manage a continuous
output current of 3 A in most of the application conditions.
However, the rated maximum RMS current of the power elements is 2 A, where:
Equation 31
and the real duty cycle D:
Equation 32
Fixing the limit of 2 A for IRMS HS, the maximum output current can be derived, as illustrated
in Figure 18.
Figure 18. Maximum continuous output current vs. duty cycle
8.5
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value (approximately 250 nsec) and the switching
frequency to approximately one third of its nominal value even when synchronized to an
external signal (see Section 5.4: Current protection on page 14). In these conditions, the
duty cycle is strongly reduced and, in most applications, this is enough to limit the current to
ILIM. In any event, in case of heavy short-circuit at the output (VO = 0 V) and depending on
the application conditions (VCC value and parasitic effect of external components), the
current peak could reach values higher than ILIM.
IRMS HS
ILOAD
D
=
D
VOUT
RDS (on) LS DCR
+
 I
LOAD
+
VIN
RDS (on) LS RDS (on) HS
–
 I
LOAD
+
------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com