Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5975D Datasheet(PDF) 29 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 25Page - STMicroelectronics R5975D Datasheet HTML 26Page - STMicroelectronics R5975D Datasheet HTML 27Page - STMicroelectronics R5975D Datasheet HTML 28Page - STMicroelectronics R5975D Datasheet HTML 29Page - STMicroelectronics R5975D Datasheet HTML 30Page - STMicroelectronics R5975D Datasheet HTML 31Page - STMicroelectronics R5975D Datasheet HTML 32Page - STMicroelectronics R5975D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
DocID026878 Rev 1
29/47
R5975D
Application information
47
Example:
–VIN = 12 V
–VOUT = 3.3 V
–IOUT = 3 A
RDS(on) has a typical value of 0.25 at 25 °C and increases up to a maximum value of 0.5. at
150 °C. We can consider a value of 0.4
.
TSW is approximately 70 ns.
IQ has a typical value of 5 mA at VIN = 12 V.
The overall losses are:
Equation 26
The junction temperature of device is:
Equation 27
Equation 28
8.3.2
Thermal impedance ZTHJ-A(t)
The thermal impedance of the system, considered as the device in the HSO8 package
soldered on the application board, takes on an important rule when the maximum output
power is limited by the static thermal performance and not by the electrical performance of
the device. Therefore, the embedded power elements could manage a higher current but
the system is already taking away the maximum power generated by the internal losses.
In case the output power increases, the thermal shutdown is triggered because the junction
temperature triggers the designed thermal shutdown threshold.
The RTH is a static parameter of the package; it sets the maximum power loss which can be
generated from the system given the operation conditions.
If we suppose, as an example, TA = 40 C, 140 C is the maximum operating temperature
before triggering the thermal shutdown and RTH = 40 C/W, therefore, the maximum power
loss achievable with the thermal performance of the system is:
Equation 29
PTOT
RDS on

IOUT

2 DV
IN IOUT TSW FSW
VIN IQ=
+

+
=
0.4 3
2 0.3 12 3 70 10 9
–
250 10
3
12 2.5 10
3
–

+

+

1.11W
=
TJ
TA RthJA PTOT
+
=
TJ
70 0.93 42 116
C
+
=
PMAX DC
T
RTH
-----------
TJ MAX TAMB
–
RTH
--------------------------------------
100
40
----------
2.5W
==
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com