Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5975D Datasheet(PDF) 37 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 33Page - STMicroelectronics R5975D Datasheet HTML 34Page - STMicroelectronics R5975D Datasheet HTML 35Page - STMicroelectronics R5975D Datasheet HTML 36Page - STMicroelectronics R5975D Datasheet HTML 37Page - STMicroelectronics R5975D Datasheet HTML 38Page - STMicroelectronics R5975D Datasheet HTML 39Page - STMicroelectronics R5975D Datasheet HTML 40Page - STMicroelectronics R5975D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
DocID026878 Rev 1
37/47
R5975D
Application information
47
8.7
Negative buck-boost regulator
In Figure 23, the circuit schematic for a standard buck-boost topology is shown. The output
voltage is:
Equation 42
where the ideal duty cycle D for the buck-boost converter is:
Equation 43
The considerations given in Section 8.7 for the real duty cycle are still valid here. Also
Equation 39 to 41 can be used to calculate the maximum output current. So, for example,
considering the conversion VIN = 12 V to VOUT = -5 V, ILOAD = 0.5 A:
Equation 44
Equation 45
An important point to take into account is that the ground pin of the device is connected to
the negative output voltage. Therefore, the device is subjected to a voltage equal to
VIN - VO, which must be lower than 36 V (the maximum operating input voltage).
Figure 23. Negative buck-boost regulator
VOUT
VIN
–
D
1D
–
-------------
=
D
V
– OUT
VIN VOUT
–
------------------------------
=
D
5
512
+
----------------
0.706
==
ISW
ILOAD
1D
–
---------------
0.5
10.706
–
------------------------
1.7A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com