Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5BOSY Datasheet(PDF) 122 Page - STMicroelectronics

Part # RPC56EL60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOSY Datasheet(HTML) 122 Page - STMicroelectronics

Back Button RPC56EL60L5BOSY Datasheet HTML 118Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 119Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 120Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 121Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 122Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 123Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 124Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 125Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 137 page
background image
Electrical characteristics
RPC56EL60L5
122/137
DocID026934 Rev 1
Figure 25. Nexus output timing
Figure 26. Nexus EVTI Input Pulse Width
9
tNTDIH,
tNTMSH
D TDI, TMS Data Hold Time
5
—
ns
10
tJOV
D TCK Low to TDO/RDY Data Valid
0
25
ns
1.
JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is measured
from 50% of MCKO and 50% of the respective signal.
2.
For all Nexus modes except DDR mode, MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
3.
The system clock frequency needs to be four times faster than the TCK frequency.
Table 36. Nexus debug port timing(1) (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1
2
MCKO
MDO
MSEO
EVTO
Output Data Valid
3
5
4
EVTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com