Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5BOSY Datasheet(PDF) 126 Page - STMicroelectronics

Part # RPC56EL60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOSY Datasheet(HTML) 126 Page - STMicroelectronics

Back Button RPC56EL60L5BOSY Datasheet HTML 122Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 123Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 124Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 125Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 126Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 127Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 128Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 129Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 137 page
background image
Electrical characteristics
RPC56EL60L5
126/137
DocID026934 Rev 1
Figure 30. DSPI classic SPI timing — master, CPHA = 0
11
tSUO
D
Data valid (after SCK edge)
Master (MTFE = 0)
—
4
ns
Slave
—
23
Master (MTFE = 1, CPHA = 0)
—
12
Master (MTFE = 1, CPHA = 1)
—
4
12
tHO
D
Data hold time for outputs
Master (MTFE = 0)
–2
—
ns
Slave
6
—
Master (MTFE = 1, CPHA = 0)
6
—
Master (MTFE = 1, CPHA = 1)
–2
—
1.
Slave Receive Only Mode can operate at a maximum frequency of 60 MHz. In this mode, the DSPI can receive data on
SIN, but no valid data is transmitted on SOUT.
Table 38. DSPI timing (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit
Data
Last Data
First Data
First Data
Data
Last Data
SIN
SOUT
PCSx
SCK Output
4
9
12
1
11
10
4
SCK Output
(CPOL=0)
(CPOL=1)
3
2
Note: The numbers shown are referenced in Table 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com