Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM05 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 50Page - STMicroelectronics STCOM05 Datasheet HTML 51Page - STMicroelectronics STCOM05 Datasheet HTML 52Page - STMicroelectronics STCOM05 Datasheet HTML 53Page - STMicroelectronics STCOM05 Datasheet HTML 54Page - STMicroelectronics STCOM05 Datasheet HTML 55Page - STMicroelectronics STCOM05 Datasheet HTML 56Page - STMicroelectronics STCOM05 Datasheet HTML 57Page - STMicroelectronics STCOM05 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
Electrical characteristics
STCOM
54/58
DocID028515 Rev 1
4.5
Embedded Flash characteristics
.
Table 30. Flash memory characteristics
Symbol
Parameter(1)
Conditions
Min. Typ.(2) Max.(3) Max.(4) Unit
tDWPRG Double word program
Not including SW overhead
18
50
500
s
tMPRG Module program (512 kB)
Not including SW overhead
1.3
1.65
33
s
tBKPRG Bank program (1056 KB)
Not including SW overhead
2.6
6.6
66
s
tER16K Sector pre-program and erase (16 KB)
0.2
0.5
5.0
s
tER32K Sector pre-program and erase (32 KB)
0.3
0.6
5.0
s
tER64K Sector pre-program and erase (64 KB)
0.4
0.9
5.0
s
tER128K Sector pre-program and erase (128 KB)
0.6
1.3
5.0
s
tMKER Module erase (512 KB)
4.8
7.6
55
s
tBKER Bank erase (1056 KB)
8
12.6
91
s
tPABT Program abort latency
-
10
10
s
tEABT Erase abort latency
-
30
30
s
tESUS Erase suspend latency
-
30
30
s
tESRT Erase suspend request rate
20
-
-
-
ms
1. Based on characterization, not tested in production.
2. Assuming nominal supply values and operation at 25 °C, 0 cycles.
3. Assuming nominal supply values and operation at 25 °C, 100 cycles.
4. Assuming nominal supply values and operation at 125 °C, 100 Kcycles.
Table 31. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min.(1)
Typ.
Max.
Unit
NEND
Endurance
TA = -40 to +85 °C
1 K
Cycles
tRET
Data retention
1 kcycle at TA = +85 °C(2)
15
Years
1 kcycles(2) at TA = +55 °C (see(2))
30
Years
1. Based on characterization, not tested in production.
2. Cycling performed over the whole temperature range.
Table 32. Flash memory current consumption
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
I(Flash_VDD3V3)
Current consumption from 3.3 V
supply source
During the erase of all the sectors -
see(1)
1.6
mA
I(Flash_VDD1V2)
Current consumption from 1.2 V
supply source
During the erase of all the sectors(1)
12.3
mA
1. During characterization, not tested in production. The values exclude the consumption from other pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com