Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM05 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 29Page - STMicroelectronics STCOM05 Datasheet HTML 30Page - STMicroelectronics STCOM05 Datasheet HTML 31Page - STMicroelectronics STCOM05 Datasheet HTML 32Page - STMicroelectronics STCOM05 Datasheet HTML 33Page - STMicroelectronics STCOM05 Datasheet HTML 34Page - STMicroelectronics STCOM05 Datasheet HTML 35Page - STMicroelectronics STCOM05 Datasheet HTML 36Page - STMicroelectronics STCOM05 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
DocID028515 Rev 1
33/58
STCOM
Pinout and pin description
58
34
RX_INP
A
I
I
PGA positive input
35
AGND
S
-
-
PGA ground
36
ZC_IN
A
I
I
Zero crossing comparator input
37
ZC_AGND_REF
A
I
I
Zero crossing comparator ground reference - connect to
AGND
38
AVDD_5V_AFE
S
I
I
PLC AFE 5 V supply + receiver ADC supply
39
PVCC
S
I
I
PA supply
40
PGND
S
-
-
PA ground
41
PA2_OUT
A
O
O
PA2 output
42
PA2_OUT
A
O
O
PA2 output
43
PA1_OUT
A
O
O
PA1 output
44
PA1_OUT
A
O
O
PA1 output
45
PGND
S
-
-
PA ground
46
PVCC
S
I
I
PA supply / 5 V regulator input voltage
47
PA1_INN
A
I
I
PA1 inverting input
48
PA1_INP
A
I
I
PA1 non-inverting input
49
PA2_INP
A
I
I
PA2 non-inverting input
50
PA2_INN
A
I
I
PA2 inverting input
51
AGND
S
-
-
5 V regulator ground
52
CSF
A
I/O
I/O
Current sense feedback
53
AVDD_5V
S
I/O
I/O
5 V regulator output / external supply input
54
RESERVED
-
-
-
Reserved - connect to AGND
55
AGND
S
-
-
Transmission predriver ground
56
TXDRV_OUTP
A
O
O
Transmission predriver positive output
57
TXDRV_OUTN
A
O
O
Transmission predriver negative output
58
AVDD_5V_TXDRV
S
I
I
Transmission predriver 5 V supply
59
AVDD_3 V3_DAC
S
I
I
Transmission DAC 3.3 V supply
60
AGND
S
-
-
Transmission DAC ground
61
DAC_OUTP
A
O
O
Transmission DAC positive output
62
DAC_OUTN
A
O
O
Transmission DAC negative output
63
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
64
GPIO10_7
D
I/O
I
General purpose I/O, USART4_SCLK, AT0_BKIN,
SPI2_SSn, I2C2_SCL
65
GPIO10_6
D
I/O
I
General purpose I/O, USART4_TXD, AT0_CH_1,
SPI2_SCLK, I2C2_SDA
Table 7. Pin description (continued)
Pin
Pin name
Type(1) Dir.(2) RS(3)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com