Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM05 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 23Page - STMicroelectronics STCOM05 Datasheet HTML 24Page - STMicroelectronics STCOM05 Datasheet HTML 25Page - STMicroelectronics STCOM05 Datasheet HTML 26Page - STMicroelectronics STCOM05 Datasheet HTML 27Page - STMicroelectronics STCOM05 Datasheet HTML 28Page - STMicroelectronics STCOM05 Datasheet HTML 29Page - STMicroelectronics STCOM05 Datasheet HTML 30Page - STMicroelectronics STCOM05 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
DocID028515 Rev 1
27/58
STCOM
Description
58
VBAT operation
In case the RTC peripheral is used, the VBAT pin shall be supplied (2.0 V to 3.6 V) for the
RTC core operation and persistence of backup registers. An external battery or a similar
power source can be used.
The VBAT operation is activated, through an on-chip power switch, when the
DVDD_3V3_IO is not present. In this case the main core of the RTC and the backup
registers are under the VBAT domain.
The application can constantly monitor the health of the battery by reading the voltage level
present at the VBAT pin through the channel 7 of the general purpose 12-bit ADC.
A dedicated cutoff switch has been included to avoid continuous leakage from the battery
when the ADC is not sampling the line.
1.9
Low power modes
A clock gating is available for any peripheral in order to save all the dynamic power
contributes related the resources not used by the application.
The CPU is able to run at maximum frequency but, in case lower speed is sufficient to meet
the application requirements, also scaled values are allowed. The CPU could be in low
power modes waiting for wake-up events.
1.10
Real-time clock (RTC) and backup registers
The STCOM embeds an integrated real-time clock (RTC). The RTC provides a hardware
calendar implementation, instead of a simple 32-bit free-running counter. The calendar can
be initialized to set the current time/date of the system and provide information on sub-
seconds, seconds, minutes, hours (12 or 24 format), day (day of week), date (day of month),
month, and year.
Software can program the daylight saving compensation; it can control two programmable
alarms (with interrupt function) that can be triggered by any combination of the calendar
fields.
Synchronization can be done with an external clock using the sub-second shift feature.
RTC maskable interrupts/events are:
Alarms: two alarms are present
Timestamps: two timestamps are present
Tamper: two tamper detection inputs are present
The RTC is clocked with a 32.768 kHz external crystal and has coarse calibration (periodic
digital calibration), smooth calibration (0.954 ppm) and analog calibration functionalities.The
1 Hz /512 Hz internal reference clock is optionally available on RTC_TAMPB for calibration.
The RTC has also twenty 32-bit backup registers (80 bytes), available for user defined data
storage. The possibility that backup registers are reset when a tamper detection event
occurs is selectable by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com