Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM05 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 40Page - STMicroelectronics STCOM05 Datasheet HTML 41Page - STMicroelectronics STCOM05 Datasheet HTML 42Page - STMicroelectronics STCOM05 Datasheet HTML 43Page - STMicroelectronics STCOM05 Datasheet HTML 44Page - STMicroelectronics STCOM05 Datasheet HTML 45Page - STMicroelectronics STCOM05 Datasheet HTML 46Page - STMicroelectronics STCOM05 Datasheet HTML 47Page - STMicroelectronics STCOM05 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
Electrical characteristics
STCOM
44/58
DocID028515 Rev 1
4.2
Thermal characteristics
V(OSC32)
32 kHz oscillator pins voltage range
GND-0.3
Min. (5.2,
DVDD_3V3_IO + 0.3)
V
V(ESD)
Maximum withstanding voltage range
Test condition:
ANSI-ESDA-JEDEC_JS-001 “human
body model” acceptance criteria: “normal
performance”
-2
+2
kV
Table 9. Absolute maximum ratings - voltage (continued)
Symbol
Parameter
Min.
Max.
Unit
Table 10. Absolute maximum ratings - current
Symbol
Parameter
Min.
Max.
Unit
I(PA_OUT)
PA repetitive RMS current
1.5
A rms
Table 11. Thermal characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
T(J)
Junction temperature
125
°C
T(AMB)
Operating ambient temperature
-40
85
°C
T(STG)
Storage temperature
-50
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com