Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM05 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 17Page - STMicroelectronics STCOM05 Datasheet HTML 18Page - STMicroelectronics STCOM05 Datasheet HTML 19Page - STMicroelectronics STCOM05 Datasheet HTML 20Page - STMicroelectronics STCOM05 Datasheet HTML 21Page - STMicroelectronics STCOM05 Datasheet HTML 22Page - STMicroelectronics STCOM05 Datasheet HTML 23Page - STMicroelectronics STCOM05 Datasheet HTML 24Page - STMicroelectronics STCOM05 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
DocID028515 Rev 1
21/58
STCOM
Description
58
1.6.3
Embedded SRAM
The STCOM device has 128 kB of a static RAM. The Cortex™-M4 can perform byte, half
word (16 bits) or full word (32 bits) access to the SRAM at maximum speed, with zero wait
states for both read and write operations. The SRAM start address is 0x20000000, the end
address is 0x20001FFFF.
The SRAM is split into two blocks of 64 kB with a capability for concurrent access by AHB
master sub-systems.
The Cortex™-M4 can also execute a code from the RAM at a zero wait state.
1.6.4
Flexible static memory controller (FSMC)
The STCOM embeds a FSMC peripheral able to interface external memory devices. The
types of memory supported are:
Asynchronous parallel NOR Flash with up to 21-bit address bus (no synchronous
parallel NOR supported)
Asynchronous SRAM memories
The data bus can be selected between 16 bits or 8 bits (reducing the total amount of
accessible memory), for little or big endian operation.
The FSMC peripheral can connect up to 2 memories with 2 independent chip select lines
(Ebar). The maximum size of each memory is 4 MB. Having 2 chip select lines, the
maximum external memory size is 8 MB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com