Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACI4410HHU Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ACI4410HHU
Description  Product Data Sheet ACi 4410 HHU
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACI4410HHU Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ACI4410HHU Datasheet HTML 1Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 2Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 3Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 4Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 5Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 6Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 7Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 8Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Data Sheet ACi 4410 HHU
8/17/2015
page 3 of 10
1
General
Fan type
Fan
Rotating direction looking at rotor
Clockwise
Airflow direction
Air outlet over struts
Bearing system
Ball bearing
Mounting position
Any
2
Mechanics
2.1
General
Width
120,0 mm
Height
120,0 mm
Depth
38,0 mm
Diameter
0,0 mm
Mass
0,275 kg
Housing material
Plastic
Impeller material
Plastic
Max. torque when mounted across both mounting
flanges
wire outlet corner: 50 Ncm
remaining corners: 80 Ncm
Screw size
ISO 4762 - M4 degreased, without an additional
brace and without washer



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com