Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACI4410HHU Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ACI4410HHU
Description  Product Data Sheet ACi 4410 HHU
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACI4410HHU Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ACI4410HHU Datasheet HTML 2Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 3Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 4Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 5Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 6Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 7Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 8Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 9Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Data Sheet ACi 4410 HHU
8/17/2015
page 7 of 10
3.5
Aerodynamics
Measurement
conditions:
Measured with a double chamber intake rig acc. to DIN EN ISO 5801.
Normal air density = 1,2 kg/m3; Temperature 23°C +/- 3°C;
In the intake and outlet area should not be any solid obstruction within 0,5 m.
The information is only valid under the specified test conditions and may be changed by the
installation conditions. If there are deviations from the standard test conditions, the
characteristic values must be checked under the installed conditions.
a) Operation condition:
3.300 1/min at free air flow
Frequency: 50 Hz
Nominal voltage: 115 V
Max. free-air flow (∆p = 0 /
= max.)
175,0 m3/h
Max. static pressure (∆p = max. /
=0)
78 Pa



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com