Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACI4410HHU Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ACI4410HHU
Description  Product Data Sheet ACi 4410 HHU
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACI4410HHU Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ACI4410HHU Datasheet HTML 2Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 3Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 4Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 5Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 6Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 7Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 8Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 9Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Product Data Sheet ACi 4410 HHU
8/17/2015
page 8 of 10
3.6
Sound Data
Measurement
conditions:
Sound pressure level: 1 Meter distance between microphone and the air intake.
Sound power level: Acc. to DIN 45635 part 38 (ISO 10302)
Measured in a semianchoic chamber with a background noise level of Lp(A) < 5 dB(A)
For further measurement conditions see section 3.4
a) Operation condition:
3.300 1/min at free air flow
Frequency: 50 Hz
Nominal voltage: 115 V
Optimal operating point
142,0 m3/h @ 27 Pa
Sound power level at the optimal operating
point
5,5 bel(A)
Sound pressure level at free air flow,
measured in rubber bands
43,0 dB(A)
4
Environment
4.1
General
Min. permitted ambient temperature TU min.
-20 °C
Max. permitted ambient temperature TU max.
75 °C
Min. permitted storage temperature TL min.
-40 °C
Max. permitted storage temperature TL max.
80 °C
4.2
Climatic Requirements*)
IP-protection type (certified)
IP 65 (for fan only, not for connector if applicable) **)
Humidity requirements
humid temperature, cyclic; according to DIN EN
60068-2-38, 10 cycle and condensation water
check; according to DIN EN ISO 6270-2, 14 days
Salt fog requirements
salt fog, cyclic, in operation; according to DIN EN
60068-2-52, 3 cycle
*) Permittet application area:
The product is for the use in open and unsheltered areas. Direct exposure to water as well as saline ambient
conditions are allowed provided that this does not prevent the normal operation.
Pollution degree 3 (according DIN EN 60664-1)
It occurs conductive pollution or dry non-conductive pollution which becomes conductive due to condensation.
**) The specification of the IP protection refers to the conditions mentioned in certification of the fan. The above
mentioned short description of the protection scope is not final. For detailed information of the respective protection
scope and definitions, see certification as well as DIN EN 60529 (protection by housings) and ISO 20653 (for vehicles)
with the letter K.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com