Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACI4410HHU Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ACI4410HHU
Description  Product Data Sheet ACi 4410 HHU
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACI4410HHU Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ACI4410HHU Datasheet HTML 1Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 2Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 3Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 4Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 5Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 6Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 7Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 8Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Product Data Sheet ACi 4410 HHU
8/17/2015
page 4 of 10
2.2
Connections
Electrical connection
Cable
Lead wire length
L = 310 mm
Tolerance
+- 20 mm
Tube length
See drawing
Tolerance
Wire size (AWG)
20
Colour
Operation
Wire 1
brown
L
Wire 2
black
N



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com