Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACI4410HHU Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ACI4410HHU
Description  Product Data Sheet ACi 4410 HHU
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACI4410HHU Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ACI4410HHU Datasheet HTML 2Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 3Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 4Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 5Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 6Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 7Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 8Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 9Page - List of Unclassifed Manufacturers ACI4410HHU Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Product Data Sheet ACi 4410 HHU
8/17/2015
page 9 of 10
5
Safety
5.1
Electrical Safety
A verification of thermal conditions (normal and abnormal operation) as well as the protection against electric shock,
ingress of solid foreign objects and water has to be done in conjuction with the appliance.
Test voltage HV type test
3000 V
Unit test voltage
VAC
Time type test HV
1 s
Insulation resistance
RI > 10 MOhm
Protection class
built-in fan
5.2
Approval Tests
CE
EC Declaration of Conformity
Yes
EAC
Eurasian Conformity
Yes
UL
Underwriters Laboratories
Yes / UL507, Electric Fans
VDE
Association for Electrical, Electronic and
Information Technologies
Yes / Approval acc. to EN 60950 (VDE 0805) - Information
technology equipment
CSA
Canadian Standards Association
Yes / C22.2 No. 113 Fans and Ventilators
CCC
China Compulsory Certification
Yes / GB 12350 Safety Requirements for small Power Motors
6
Reliability
6.1
General
Life expectancy L10 at TU = 40 °C
65.000 h
Life expectancy L10 at TU max.
30.000 h
Life expectancy L10 Delta (40 °C)
130.000 h
Life expectancy L10 acc. to IPC 9591 at TU = 40 °C
110.000 h



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com