Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751B Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 9Page - STMicroelectronics L6751B Datasheet HTML 10Page - STMicroelectronics L6751B Datasheet HTML 11Page - STMicroelectronics L6751B Datasheet HTML 12Page - STMicroelectronics L6751B Datasheet HTML 13Page - STMicroelectronics L6751B Datasheet HTML 14Page - STMicroelectronics L6751B Datasheet HTML 15Page - STMicroelectronics L6751B Datasheet HTML 16Page - STMicroelectronics L6751B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
L6751B
Pin description and connection diagram
Doc ID 024028 Rev 1
13/58
48
EN
D
Level sensitive enable pin (3.3 V compatible).
Pull low to disable the device, pull up above the turn-on threshold to enable
the controller.
49
SVCLK
SVC
D
Serial clock
50
ALERT#
V_FIX
D
Alert (Intel mode).
V_FIX (AMD mode). Pull to 3.3 V to enter V_FIX mode.
51
SVDATA
SVD
DSerial data
52
BOOT /
TMAX
A
Connect a resistor divider to GND/VCC5 in order to define BOOT and
TMAX registers. See Table 10 for details.
53
VCC5
A
Main IC power supply.
Operative voltage is 5 V ±5%. Filter with 1
μF MLCC to GND (typ.).
54
GDC
A
Gate drive control pin.
Used for efficiency optimization, see Section 9 for details. If not used, it
can be left floating. Always filter with 1
μF MLCC to GND.
n/a
NC
-
Not internally bonded.
55
VDRV
A
Driving voltage for external drivers.
Connect to the selected voltage rail to drive external MOSFET when in
maximum power conditions. IC switches GDC voltage between VDRV and
VCC5 to implement efficiency optimization according to selected strate-
gies.
n/a
NC
-
Not internally bonded
Table 2.
Pin description (continued)
Pin#
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com