Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751B Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 37Page - STMicroelectronics L6751B Datasheet HTML 38Page - STMicroelectronics L6751B Datasheet HTML 39Page - STMicroelectronics L6751B Datasheet HTML 40Page - STMicroelectronics L6751B Datasheet HTML 41Page - STMicroelectronics L6751B Datasheet HTML 42Page - STMicroelectronics L6751B Datasheet HTML 43Page - STMicroelectronics L6751B Datasheet HTML 44Page - STMicroelectronics L6751B Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
L6751B
Efficiency optimization
Doc ID 024028 Rev 1
41/58
9
Efficiency optimization
As per VR12 specifications, the SVI master may define different power states for the VR
controller. This is performed by SetPS commands. The L6751B re-configures itself to
improve overall system efficiency, according to Table 15.
9.1
Dynamic phase management (DPM)
Dynamic phase management allows the number of working phases to be adjusted
according to the delivered current still maintaining the benefits of the multi-phase regulation.
Phase number is reduced by monitoring the voltage level across the IMON pin: the L6751B
reduces the number of working phases according to the strategy defined by the DPM
pinstrapping and/or PMBus (TM) commands received (see Table 11). DPM12 refers to the
current at which the controller changes from 1 to 2 phases. In the same way, DPM23 defines
the current at which the controller changes from 2 to 3 phases and so on.
When DPM is enabled, the L6751B starts monitoring the IMON voltage for phase number
modification after VR_RDY has transition high: the soft-start is then implemented in
interleaving mode with all the available phases enabled.
DPM is reset in case of an SetVID command that affects the CORE section and when LTB
Technology detects a load transient. After being reset, if the voltage across IMON is
compatible, DPM is re-enabled after proper delay.
Delay in the intervention of DPM can be adjusted by properly sizing the filter across the
IMON pin. Increasing the capacitance results in increased delay in the DPM intervention.
See Section 7.2.1 for guidelines in designing the IMON load indicator.
Note:
During load transients with light slope, the filtering of IMON may result too slow for the IC to
set the correct number of phases required for the current effectively loading the system (LTB
does not trigger in case of light slopes). The L6751B features a safety mechanism which re-
enables phases that were switched off by comparing ILIM and IMON pin voltage. In fact, the
Table 15.
Efficiency optimization
Feature
PS00h
PS01h
DPM
According to pinstrapping
Active. 1Phase/2Phase according to
Iout
VFDE
Active when in single-phase and
DPM enabled
Active when in single-phase
GDC
12 V driving
GDC set to 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com