Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751B Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 24Page - STMicroelectronics L6751B Datasheet HTML 25Page - STMicroelectronics L6751B Datasheet HTML 26Page - STMicroelectronics L6751B Datasheet HTML 27Page - STMicroelectronics L6751B Datasheet HTML 28Page - STMicroelectronics L6751B Datasheet HTML 29Page - STMicroelectronics L6751B Datasheet HTML 30Page - STMicroelectronics L6751B Datasheet HTML 31Page - STMicroelectronics L6751B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Device description and operation
L6751B
28/58
Doc ID 024028 Rev 1
5
Device description and operation
The L6751B is a programmable 4/5/6-phase PWM controller that provides complete control
logic and protection to realize a high performance step-down DC-DC voltage regulator
optimized for advanced microprocessor and memory power supply. The device features 2nd
generation LTB Technology: through a load transient detector, it is able to turn on all the
phases simultaneously. This allows the output voltage deviation to be to minimized and, in
turn, also the system costs by providing the fastest response to a load transition.
The L6751B implements current reading across the inductor in fully differential mode. A
sense resistor in series to the inductor can also be considered to improve reading precision.
The current information read corrects the PWM output in order to equalize the average
current carried by each phase.
The controller supports Intel and AMD SVI bus and all the required registers. The platform
may configure and program the defaults for the device through dedicated pinstrapping.
A complete set of protections is available: overvoltage, undervoltage, overcurrent (per-
phase and total) and feedback disconnection guarantee the load to be safe in all
circumstances.
Special power management features like DPM, VFDE(a) and GDC modify phase number,
gate driving voltage and switching frequency to optimize efficiency over the load range.
The L6751B is available in VFQFPN68 8x8 mm package.
a.
VFDE feature can be enabled using dedicated PMBus command. See Section 12 for details.
Figure 5.
Device initialization
SVI Packet
VCC5
VDRV
VIN
UVLO
2
μSec POR
UVLO
UVLO
EN
SVI BUS
PMBus
V_SinglePhase
ENVTT
SVRRDY
V_MultiPhase
VRRDY
SVI Packet
Command rejected
Command ACK but not executed
64
μsec
64
μsec
50μsec
AM14837v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com