Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751B Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 31Page - STMicroelectronics L6751B Datasheet HTML 32Page - STMicroelectronics L6751B Datasheet HTML 33Page - STMicroelectronics L6751B Datasheet HTML 34Page - STMicroelectronics L6751B Datasheet HTML 35Page - STMicroelectronics L6751B Datasheet HTML 36Page - STMicroelectronics L6751B Datasheet HTML 37Page - STMicroelectronics L6751B Datasheet HTML 38Page - STMicroelectronics L6751B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
L6751B
Output voltage monitoring and protection
Doc ID 024028 Rev 1
35/58
7.1
Overvoltage
When the voltage sensed by VSEN and/or SVSEN surpasses the OV threshold, the control-
ler acts in order to protect the load from excessive voltage levels avoiding any possible
undershoot. To reach this target, a special sequence is performed as per the following list:
–
The reference performs a DVID transition down to 250 mV on the section which
triggered the OV protection.
–
The PWMs of the section which triggered the protection are switched between HiZ
and zero (ENDRV is kept high) in order to follow the voltage imposed by the DVID
on-going. This limits the output voltage excursion, protects the load and assures
no undershoot is generated (if Vout < 250 mV, the section is HiZ).
–
The PWMs of the non-involved section are set permanently to HiZ (ENDRV is kept
low) in order to realize a HiZ condition.
–
OSC/ FLT pin is driven high.
–
Power supply or EN pin cycling is required to restart operation.
If the cause of the failure is removed, the converter ends the transition with all PWMs in HiZ
state and the output voltage of the section which triggered the protection lower than 250 mV.
7.2
Overcurrent and current monitor
The overcurrent threshold must be programmed to a safe value, in order to be sure that
each section does not enter OC during normal operation of the device. This value must take
into consideration also the process spread and temperature variations of the sensing ele-
ments (inductor DCR).
Furthermore, since also the internal threshold spreads, the design must consider the mini-
mum/maximum values of the threshold.
7.2.1
Multi-phase section
The L6751B features two independent load indicator signals, IMON and ILIM, to properly
manage OC protection, current monitoring and DPM. Both IMON and ILIM source a current
proportional to the current delivered by the regulator, as follows:
Equation 10
The IMON and ILIM pins are connected to GND through a resistor (RIMON and RILIM respec-
tively), implementing a load indicator with different targets.
●
IMON is used for current reporting purposes and for the DPM phase shedding. RIMON
must be designed considering that IMAX must correspond to 1.24 V (for correct IMAX
detection).
●
ILIM is used for the overcurrent protection only. RILIM must be designed considering
that the OC protection is triggered when V(ILIM)=2.5 V.
In addition, the L6751B also performs per-phase OC protection.
–
Per-phase OC.
Maximum information current per-phase (IINFOx) is internally limited to 35 μA. This
end-of-scale current (IOC_TH) is compared with the information current generated
I
MON
I
LIM
DCR
R
G
-------------
I
OUT
⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com