Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751B Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 33Page - STMicroelectronics L6751B Datasheet HTML 34Page - STMicroelectronics L6751B Datasheet HTML 35Page - STMicroelectronics L6751B Datasheet HTML 36Page - STMicroelectronics L6751B Datasheet HTML 37Page - STMicroelectronics L6751B Datasheet HTML 38Page - STMicroelectronics L6751B Datasheet HTML 39Page - STMicroelectronics L6751B Datasheet HTML 40Page - STMicroelectronics L6751B Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
L6751B
Output voltage monitoring and protection
Doc ID 024028 Rev 1
37/58
–CIMON in parallel to RIMON can be added to adjust the averaging interval for the
current reporting and/or adjust the DPM latencies. Additionally, it can be increased
to prevent false total-OC tripping during DVID.
Note:
This is the typical design flow. Custom design and specifications may require different
settings and ratios between the per-phase OC threshold and the total current OC threshold.
Applications with big ripple across inductors may be required to set per-phase OC to values
different than 110%: design flow should be modified accordingly.
Note:
Current reporting precision on IMON may be affected by external layout. The internal ADC is
referenced to the device GND pin: in order to perform the highest accuracy in the current
monitor, RIMON must be routed to the GND pin with dedicated net to avoid GND plane drops
affecting the precision of the measurement.
7.2.2
Overcurrent and power states
When the controller receives an SetPS command through the SVI interface, it automatically
changes the number of working phases. In particular, the maximum number of phases
which L6751B may work in >PS00h is limited to 2 phases regardless of the number N
configured in PS00h.
OC level is then scaled as the controller enters >PS00h, as per Table 14.
7.2.3
Single-phase section
The L6751B performs two different kinds of OC protection for the single-phase section: it
monitors both the total current and the per-phase current and allows an OC threshold to be
set for both.
–
Per-phase OC.
Maximum information current per-phase (ISINFOx) is internally limited to 35 μA.
This end-of-scale current (ISOC_TH) is compared with the information current
generated for each phase (ISINFOx). If the current information for the single-phase
exceeds the end-of-scale current (i.e. if ISINFOx > ISOC_TH), the device turns on the
LS MOSFET until the threshold is re-crossed (i.e. until ISINFOx < ISOC_TH).
–
Total current OC.
The SIMON pin allows a maximum total output current for the system (ISOC_TOT)
to be defined. ISMON current is sourced from the SIMON pin. By connecting a
resistor RSIMON to GND, a load indicator with 1.55 V (VSOC_TOT) end-of-scale can
be implemented. When the voltage present at the SIMON pin crosses VSOC_TOT,
the device detects an OC and immediately latches with all the MOSFETs of all the
sections OFF (HiZ).
Table 14.
Multi-phase section OC scaling and power states
Power state [Hex]
N
OC level (VOC_TOT)
00h
3 to 6
2.500 V
01h, 02h
3
1.650 V
4
1.250 V
5
1.000 V
6
0.830 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com