Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6984TR
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6984TR Datasheet HTML 8Page - STMicroelectronics L6984TR Datasheet HTML 9Page - STMicroelectronics L6984TR Datasheet HTML 10Page - STMicroelectronics L6984TR Datasheet HTML 11Page - STMicroelectronics L6984TR Datasheet HTML 12Page - STMicroelectronics L6984TR Datasheet HTML 13Page - STMicroelectronics L6984TR Datasheet HTML 14Page - STMicroelectronics L6984TR Datasheet HTML 15Page - STMicroelectronics L6984TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Device description
L6984
12/34
DocID025378 Rev 3
3.1
Output voltage adjustment
No external resistor divider is required to regulate fixed 3.3 V output voltage, connecting FB
to the VCC pin and VBIAS to the regulated output voltage (see Figure 1 on page 1). An
external voltage divider otherwise implements the output voltage adjustability.
Figure 4. Internal voltage divider for 3.3 V output voltage
The error amplifier reference voltage is 0.9 V typical.
The output voltage is adjusted accordingly with the following formula (see Figure 5):
Equation 1
Leading network
The small signal contribution of a simple voltage divider is:
Equation 2
A small signal capacitor in parallel to the upper resistor (see C3 in Figure 5) of the voltage
divider implements a leading network (fzero < fpole) that can improve the dynamic regulation
for boundary application conditions (high fSW / high duty cycle conversion) or a not
optimized board layout.
VOUT
0.9
1
R3
R2
-------
+


=
GDIV s

R2
R2 R3
+
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com