Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6984TR
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6984TR Datasheet HTML 13Page - STMicroelectronics L6984TR Datasheet HTML 14Page - STMicroelectronics L6984TR Datasheet HTML 15Page - STMicroelectronics L6984TR Datasheet HTML 16Page - STMicroelectronics L6984TR Datasheet HTML 17Page - STMicroelectronics L6984TR Datasheet HTML 18Page - STMicroelectronics L6984TR Datasheet HTML 19Page - STMicroelectronics L6984TR Datasheet HTML 20Page - STMicroelectronics L6984TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DocID025378 Rev 3
17/34
L6984
Device description
34
Figure 8. Low noise mode operation
Typical applications for the LNM operation are car audio, sensors.
3.4.2
Low consumption mode (LCM)
The low consumption mode maximizes the efficiency at the light load. As soon as the output
voltage drops, the regulator generates a pulse to have the FB back in regulation. In order to
minimize the current consumption in the LCM part of the internal circuitry is disabled in the
time between bursts.
Figure 9. LCM operation at zero load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com