Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6984TR
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6984TR Datasheet HTML 17Page - STMicroelectronics L6984TR Datasheet HTML 18Page - STMicroelectronics L6984TR Datasheet HTML 19Page - STMicroelectronics L6984TR Datasheet HTML 20Page - STMicroelectronics L6984TR Datasheet HTML 21Page - STMicroelectronics L6984TR Datasheet HTML 22Page - STMicroelectronics L6984TR Datasheet HTML 23Page - STMicroelectronics L6984TR Datasheet HTML 24Page - STMicroelectronics L6984TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID025378 Rev 3
21/34
L6984
Device description
34
Figure 14. Valley current sense implements constant current protection
3.7
PGOOD
The internal circuitry monitors the regulated output voltage and keeps the PGOOD open
collector output in low impedance as long as the feedback voltage is below the VPGD L
threshold (see Table 5).
Figure 15. PGOOD behavior during soft-start time
The PGOOD is driven low impedance if VFB = VCC (internal voltage divider, see Section 3.1
on page 12) and VBIAS > VPGD H threshold (see Table 5 on page 7).
The VPGD H threshold has no effect on PGOOD behavior in case the external voltage divider
is being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com