Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6984TR
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6984TR Datasheet HTML 23Page - STMicroelectronics L6984TR Datasheet HTML 24Page - STMicroelectronics L6984TR Datasheet HTML 25Page - STMicroelectronics L6984TR Datasheet HTML 26Page - STMicroelectronics L6984TR Datasheet HTML 27Page - STMicroelectronics L6984TR Datasheet HTML 28Page - STMicroelectronics L6984TR Datasheet HTML 29Page - STMicroelectronics L6984TR Datasheet HTML 30Page - STMicroelectronics L6984TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
DocID025378 Rev 3
27/34
L6984
Application board
34
5
Application board
The reference evaluation board schematic is shown in Figure 17.
Figure 17. Evaluation board schematic
Table 9. Bill of material
Reference
Part number
Description
Manufacturer
C1
C3216X5R1H106M
10
F - 50 V - 1206
TDK
C2
100 nF - 50 V - 0805
C4
470 nF - 10 V - 0603
C6
C3216X5R1E226M
22
F - 25 V - 1206
TDK
L1
LPS6225-683MLC
68
H
Coilcraft
R1
1 M
 - 1% - 0603
R4
1 M
 - 5% - 0603
R6
100 k
 - 5% - 0603 V
R8
0
 - 0603
U1
L6984
STM
J1
JUMPER - CLOSED
J2
JUMPER - CLOSED
J3
JUMPER - OPEN
J4
JUMPER - OPEN
R2, R3, C3, R5, C5, R7, C7
NOT MOUNTED
TP1, TP2, TP3, TP4, TP5,
TP6, TP7
VBIAS, PGOOD, VIN, VOUT, EN, GND,
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com