Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6984TR
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6984TR Datasheet HTML 26Page - STMicroelectronics L6984TR Datasheet HTML 27Page - STMicroelectronics L6984TR Datasheet HTML 28Page - STMicroelectronics L6984TR Datasheet HTML 29Page - STMicroelectronics L6984TR Datasheet HTML 30Page - STMicroelectronics L6984TR Datasheet HTML 31Page - STMicroelectronics L6984TR Datasheet HTML 32Page - STMicroelectronics L6984TR Datasheet HTML 33Page - STMicroelectronics L6984TR Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
DocID025378 Rev 3
33/34
L6984
Order codes
34
7
Order codes
8
Revision history
Table 12. Order codes
Part number
Package
Packaging
L6984
VFDFPN10 4 x 4
Tube
L6984TR
VFDFPN10 4 x 4
Tape and reel
L6984A
VDFPN10 3 x 3
Tube
L6984ATR
VDFPN10 3 x 3
Tape and reel
Table 13. Document revision history
Date
Revision
Changes
11-Oct-2013
1
Initial release.
30-May-2014
2
Updated main title: 36 V 400 mA synchronous step-down switching regulator on
page 1 (replaced “350 mA” by “400 mA”).
Updated Section : Features on page 1 (replaced “350 mA” by “400 mA ”in “DC output
current”).
Updated Section : Description on page 1 (replaced “350 mA” by “400 mA” in “DC”).
Updated Figure 1: Application schematic on page 1 (replaced by new figure, moved
from page 2 to page 1).
Added Contents on page 2.
Updated Table 1.: Pin description on page 4 (minor modifications throughout table).
Updated Section 1.3: Maximum ratings on page 5 (added text above Table 2, added
IHS and ILS max. values in Table 2).
Updated Table 3.: Thermal data on page 5 (added value for “Rth JA” symbol).
Updated Table 5.: Electrical characteristics on page 7 (updated notes 1. to 3., minor
modifications throughout table).
Added Section 3: Device description on page 10, Section 4: Design of the power
components on page 23 and Section 5: Application board on page 27.
Added and updated cross-references throughout document.
Minor modifications throughout document.
04-Jul-2014
3
Updated Table 1.: Pin description on page 4 (updated Description of VCC pin).
Updated Section 3.5: Switchover feature on page 19 (added text).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com