Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 11Page - STMicroelectronics L9959 Datasheet HTML 12Page - STMicroelectronics L9959 Datasheet HTML 13Page - STMicroelectronics L9959 Datasheet HTML 14Page - STMicroelectronics L9959 Datasheet HTML 15Page - STMicroelectronics L9959 Datasheet HTML 16Page - STMicroelectronics L9959 Datasheet HTML 17Page - STMicroelectronics L9959 Datasheet HTML 18Page - STMicroelectronics L9959 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
DocID027540 Rev 2
15/49
L9959
Electrical specifications
48
Table 9. Power-on reset
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDDRES
Reset active threshold
-
2.8
-
3.4
V
VDDPOR
Power-on reset threshold
-
3.3
-
4
V
VDDPORHYS Power-on reset hysteresis
-
-
600
-
mV
tPOR
Power-on reset extension time -
-
-
1
ms
Table 10. VDD monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
VDD monitoring voltage range -
VDDPOR
-18
V
VDD_THL Under voltage threshold
VS = 0 V
4.2
-
4.5
V
VDD_THH Over voltage threshold
VS = 0 V
5.25
-
5.5
V
tFIL_OFF
Switch-off filtering time
Guaranteed by scan.
60
-
135
μs
tFIL_ON
Switch-on filtering time
60
-
135
μs
VTEST_THL Under voltage test threshold
-
5.25
-
5.5
V
VTEST_THH Over voltage test threshold
-
4.2
-
4.4
V
VDD_MR
Full VDD supply range
-
-0.3
-
18
V
VDD_SLEW VDD slew
-
-
500
mV/μs
VDD_THX
Threshold (VDD_THH, VDD_THL)
shift during vs. inverse current
-
-0.1
-
0.1
V
VABE_INL /ABE input low-level
-
-0.3
-
1.65
V
VABE_INH /ABE input high-level
-
3.15
-
18
V
VABE_INHY
S
/ABE input hysteresis
-
0.2
-
1.0
V
IABE_IN
/ABE input pull-down current
0 V < VABE < 1.5 V
0
-
60
μA
VABE = 2.1 V, 5 V, 18 V;
VS = 18 V; VDD = 5 V,
18 V
20
40
60
μA
VABE_OUTL /ABE output low voltage
2.5 V < VDD < VDD_THL;
IABE_OUTL < 2.5 mA
0
-
1.0
V
VABE_OUTL /ABE output low voltage
2 x VDD_THL < VDD < 18V;
IABE_OUTL < 7.5 mA
0
-
1.2
V
VABE_OUTL
/ABE output passive low
voltage
-
0
-
1.2
V
IABE
IABE Change during vs. inverse
current
-
-100
-
100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com