Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 15Page - STMicroelectronics L9959 Datasheet HTML 16Page - STMicroelectronics L9959 Datasheet HTML 17Page - STMicroelectronics L9959 Datasheet HTML 18Page - STMicroelectronics L9959 Datasheet HTML 19Page - STMicroelectronics L9959 Datasheet HTML 20Page - STMicroelectronics L9959 Datasheet HTML 21Page - STMicroelectronics L9959 Datasheet HTML 22Page - STMicroelectronics L9959 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
DocID027540 Rev 2
19/49
L9959
Electrical specifications
48
Table 15. Current limiting
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|ICL2|(1)
Current limit2
RCF = 5.1 kΩ
4.25
5
5.75
A
|ICL3|(1)
Current limit3
5.6
6.6
7.6
A
|ICL4|(1)
Current limit4
7.3
8.6
9.9
A
|IHYS2-4|(1) Current limit hysteresis1
-
-5%
ICL2-4
-
-10%
ICL2-4
A
tb
Blanking time
Guaranteed through
scan.
8
11
15
μs
ttrans
Time between two transient
90
-
130
μs
1. Programmable current levels see Table 34 Current Level (CONFIG_REG). Measured using a 5.1 kΩ resistor between CF
and GND (RCF).
Table 16. Over-current detection (8 V < VS < 18 V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|IOC2_LSI(1)
Low side over current
threshold2
VDD = 5 V
4.9
-
8.2
A
|IOC3_LS|(1)
Low side over current
threshold3
VDD = 5 V
6.7
-
11.1
A
|IOC4_LS|(1)
Low side over current
threshold4
VDD = 5 V
8.4
-
14
A
|IOC2_HSI(1)
High side over current
threshold2
VDD = 5 V
5.5
-
9.2
A
|IOC3_HS|(1)
High side over current
threshold3
VDD = 5 V
6.9
-
11.5
A
|IOC4_HS|(1)
High side over current
threshold4
VDD = 5 V
8.6
-
14.4
A
ITRACK-2(2) |IOC2| - |ICL2|
VDD = 5 V
0.4
-
5.5
A
ITRACK-3(2) |IOC3| - |ICL3|
VDD = 5 V
0.4
-
5.5
A
ITRACK-4(2) |IOC4| - |ICL4|
VDD = 5 V
0.4
-
5.5
A
tDF
Delay time for fault detection
guaranteed by design
1
2
4.5
μs
tDF_off
Switch-off delay time
-
6
μs
tDF_del
Delayed switch-off time
-
20
200
μs
tSC
Short-circuit detection
guaranteed through scan
292
350
413
μs
1. Programmable current levels see Table 34 Current Level (CONFIG_REG).
2. Tracking values are referred for both LS and HS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com