Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 31Page - STMicroelectronics L9959 Datasheet HTML 32Page - STMicroelectronics L9959 Datasheet HTML 33Page - STMicroelectronics L9959 Datasheet HTML 34Page - STMicroelectronics L9959 Datasheet HTML 35Page - STMicroelectronics L9959 Datasheet HTML 36Page - STMicroelectronics L9959 Datasheet HTML 37Page - STMicroelectronics L9959 Datasheet HTML 38Page - STMicroelectronics L9959 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
DocID027540 Rev 2
35/49
L9959
SPI functional description
48
5.4
SPI - control and status registers
Table 27. Device identifier (ID)
Bit
7
6
5
4
3
2
1
0
Name
ID<7>
ID<6>
ID<5>
ID<4>
ID<3>
ID<2>
ID<1>
ID<0>
Bit
Name
Content
7:0
ID<7:0>
Device ID: DFH
Table 28. Revision register (REV)
Bit
7
6
5
4
3
2
1
0
Name
SWR<3>
SWR<2>
SWR<1>
SWR<0>
MSR<3>
MSR<2>
MSR<1>
MSR<0>
Bit
Name
Content
7:4
SWR<3:0> Software Revision: 0H
3:0
MSR<3:0> Mask Set Revision: 06H(1)
1. Here below the Mask set revision:
00H - AA
01H - BA
02H - CA
03H - CB
04H - DA
05H - DB
06H - DC
Table 29. DIA_REG1
Bit
7
6
5
4
3
2
1
0
Name
/ABE / DIS
OT
Res
Res
DIA21
DIA20
DIA11
DIA10
Bit
Name
Content
7
/ABE / DIS
H-bridge Disable:
0, if /ABE = 0 or DIS = 1
6
OT
Over temperature: 0:OT, 1: no OT
5:4
Reserved
0
3
DIA21
Diagnose Bits (Table 30: Diagnosis bits (DIA_REG1))
2
DIA20
1
DIA11
0
DIA10
Reset(5.4.
1)
7
6
5
4
3
2
1
0
POR
X
1
1
1
1
1
1
1
SPIR
X
1
X
X
1
1
1
1
ENDISR
X
1
X
X
1
1
1
1
RDR
X
X
X
X
X
X
X
X
DIACLR1
X
1
X
X
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com