Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 34Page - STMicroelectronics L9959 Datasheet HTML 35Page - STMicroelectronics L9959 Datasheet HTML 36Page - STMicroelectronics L9959 Datasheet HTML 37Page - STMicroelectronics L9959 Datasheet HTML 38Page - STMicroelectronics L9959 Datasheet HTML 39Page - STMicroelectronics L9959 Datasheet HTML 40Page - STMicroelectronics L9959 Datasheet HTML 41Page - STMicroelectronics L9959 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
SPI functional description
L9959
38/49
DocID027540 Rev 2
Note:
Only the bits ‘CONFIG’ and ‘DIACLR’ in this register can be written, all other bits are ‘read-
only’
Table 34. Current Level (CONFIG_REG)
CL1
CL2
Current Level
Typical Current
0
0
No Change
No Change
0
1
2
5.0 A
1
0
3 (default value)
6.6 A
1
1
4
8.6 A
Table 35. Status and configuration register (STATCON_REG)
Bit
7
6
5
4
3
2
1
0
Name
CONFIG2
CONFIG1
CONFIG0
DIACLR2
DIACLR1
STATUS2
STATUS1
STATUS0
Bit
Name
Content
7
CONFIG2
VDD Test Threshold:
0: VDD Threshold Test is on 1: VDD Threshold test is off
6
CONFIG1
VDD Test Threshold:
1: Lower VDD Test Threshold is lifted 0:Upper VDD Test Threshold is lowered
5
CONFIG0
VDD Over-Voltage Latch: 0: Latch is disabled 1: Latch is enabled
4
DIACLR2
Reset DIA_REG2:
0: Reset errors in DIA_REG2 1: No action (Reading this bit always returns „1.)
3
DIACLR1
Transfer Errors:
0: All latched errors of DIA_REG1 are transferred to DIA_REG2. DIA21,DIA20, DIA11,
DIA10are set to “1111”.
During VS-Undervoltage DIACLR1 is disabled 1: No action (Reading this bit always
returns „1.)
2
STATUS2
Logic Level at Pin /ABE
1
STATUS1
VDD Under-Voltage:
0: Under-Voltage
1: No Under-Voltage
0
STATUS0
VDD Over-Voltage:
0: Over-Voltage
1: No Over-Voltage
This information is not reset during VS-Undervoltage. It will be reset by CONFIG0, SPI
reset or internal VDD reset
Reset(5.4.1)
7
6
5
4
3
2
1
0
POR
1
1
0
1
1
X
X
X
SPIR
1
1
0
1
1
X
X
X
ENDISR
X
X
X
1
1
X
X
X
RDR
X
X
X
1
1
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com