Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 26Page - STMicroelectronics L9959 Datasheet HTML 27Page - STMicroelectronics L9959 Datasheet HTML 28Page - STMicroelectronics L9959 Datasheet HTML 29Page - STMicroelectronics L9959 Datasheet HTML 30Page - STMicroelectronics L9959 Datasheet HTML 31Page - STMicroelectronics L9959 Datasheet HTML 32Page - STMicroelectronics L9959 Datasheet HTML 33Page - STMicroelectronics L9959 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Application information
L9959
30/49
DocID027540 Rev 2
4.5
/ABE pin
/ABE (Ability/Enable) is a bidirectional pin, with an open-drain output. In normal operating
condition, this pin is pulled up by an external resistor. If /ABE is set to low, the outputs enter
tristate mode.
/ABE can be used to switch off the outputs quickly by an external signal. It is possible to
connect the /ABE pins of several devices together, so all of them can be disabled in case
one detects an error, which is flagged by the /ABE pin.
4.6
VDD-monitor
VDD is monitored for under- and over-voltage referenced to GNDABE.
If VDD goes below VDD_THL or above VDD_THH, /ABE is pulled to low and the outputs enter
tristate mode after the time tFIL_OFF. The VDD-monitoring state is stored into the status and
control register (STACON_REG).
If VDD increases above VDD_THL, /ABE is pulled to high after the filter time tFIL_ON. The SPI
remains functional as long as VDD is above the power-on reset threshold.
The behavior of the pin /ABE and the output stages after VDD goes below VDD_THH from
VDD-over-voltage is determined by bit CONFIG 0 in the status and configuration register
(STATCON):
CONFIG0 = 1: /ABE is latched and the outputs remain in tristate
CONFIG0 = 0: /ABE goes to inactive and the output stages are enabled after the filtering
time tFIL_ON.
4.7
VDD-monitor test
VDD-Monitor blocks can be tested in the application via SPI. During this test, the output
stages are still switched off in case of over- and under-voltage.
Upper threshold
The over-voltage threshold can be reduced using the configuration registers 1 and 2
(CONFIG1 and CONFIG2) in the status and control register (STACON_REG) to VTEST_THH
(see Table 35: Status and configuration register (STATCON_REG)). Since VTEST_THH is
below the normal VDD voltage, the status bit STATUS0 shows a VDD over-voltage.
Lower threshold
The under-voltage threshold can be increased to VTEST_THL using CONFIG1 and CONFIG2
in the STATCON register. Since the VDD voltage is below VTEST_THL, the resulting VDD-
undervoltage resets STATUS0.
After leaving the VDD-monitor test mode, the bits in the STACON register return to their
normal state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com