Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C16-DFCU6TP Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24C16-DFCU6TP
Description  16-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DFCU6TP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24C16-DFCU6TP Datasheet HTML 12Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 13Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 14Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 15Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 16Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 17Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 18Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 19Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Instructions
M24C16-DFCU
16/35
DocID026468 Rev 2
5.1.2
Page Write
The Page Write mode allows up to N(a) bytes to be written in a single Write cycle, provided
that they are all located in the same page in the memory: that is, the most significant
memory address bits, A10/A4, are the same. If more bytes are sent than will fit up to the end
of the page, a condition known as “roll-over” occurs. In case of roll-over, the first bytes of the
page are overwritten.
Note:
After each byte is transferred, the internal byte address counter is incremented. The transfer
is terminated by the bus master generating a Stop condition.
5.1.3
Write Identification Page
The Identification Page (16 bytes) is an additional page which can be written and (later)
permanently locked in Read-only mode. It is written by issuing the Write Identification Page
instruction. This instruction uses the same protocol and format as Page Write (into memory
array), except for the following differences:
Device type identifier = 1011b
Most significant address bits A10/A4 are don't care, except for address bit A7 which
must be “0”. Least significant address bits A3/A0 define the byte location inside the
Identification page.
If the Identification page is locked, the data bytes transferred during the Write Identification
Page instruction are not acknowledged (NoAck).
5.1.4
Lock Identification Page
The Lock Identification Page instruction (Lock ID) permanently locks the Identification page
in Read-only mode. The Lock ID instruction is similar to Byte Write (into memory array) with
the following specific conditions:
Device type identifier = 1011b
Address bit A7 must be ‘1’; all other address bits are don't care
The data byte must be equal to the binary value xxxx xx1x, where x is don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com