Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C16-DFCU6TP Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24C16-DFCU6TP
Description  16-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DFCU6TP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24C16-DFCU6TP Datasheet HTML 27Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 28Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 29Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 30Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 31Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 32Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 33Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 34Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
DocID026468 Rev 2
33/35
M24C16-DFCU
Part numbering
34
11
Part numbering
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are
not yet qualified and therefore not yet ready to be used in production and any consequences
deriving from such usage will not be at ST charge. In no event, ST will be liable for any
customer usage of these engineering samples in production. ST Quality has to be contacted
prior to any decision to use these Engineering samples to run qualification activity.
Table 15. Ordering information scheme
Example:
M24C16-DF CU 6
T
P /K
Device type
M24 = I2C serial access EEPROM
Device function
C16-D = 16 Kbits (2048 x 8 bits) plus identification page
Operating voltage
F = VCC = 1.6 V to 5.5 V
Package
CU = ultra-thin 4-bump WLCSP(1)
1. ECOPACK2®: RoHS-compliant and free of brominated, chlorinated and antimony oxide flame retardants.
Device grade
6 = device tested with standard test flow over -40 to 85 °C
Option
T = Tape and reel packing
Plating technology
P = ECOPACK2®
Process technology
/K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com