Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C16-DFCU6TP Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24C16-DFCU6TP
Description  16-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DFCU6TP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24C16-DFCU6TP Datasheet HTML 21Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 22Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 23Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 24Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 25Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 26Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 27Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 28Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
DocID026468 Rev 2
25/35
M24C16-DFCU
DC and AC parameters
34
Table 9. Cycling performance
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle
endurance
TA  25 °C, VCC(min) < VCC < VCC(max) 4,000,000
Write
cycles
TA = 85°C, VCC(min) < VCC < VCC(max)
1,000,000
Table 10. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention
TA = 55 °C
200
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com