Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C16-DFCU6TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C16-DFCU6TP
Description  16-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DFCU6TP Datasheet(HTML) 1 Page - STMicroelectronics

  M24C16-DFCU6TP Datasheet HTML 1Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 2Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 3Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 4Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 5Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 6Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 7Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 8Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2014
DocID026468 Rev 2
1/35
M24C16-DFCU
16-Kbit serial I²C bus EEPROM 4 balls CSP
Datasheet
- preliminary data
Features
 Package:
– RoHS compliant and halogen free
WLCSP(ECOPACK2®)
 Compatible with all I2C bus modes
–1 MHz
–400 kHz
 Memory array:
– 16 Kbits (2 Kbytes) of EEPROM
– Page size: 16 bytes
– Additional Write lockable
page(Identification page)
 Supply voltage range:
– 1.6 V to 5.5 V
 Operating temperature range
–VCC = 1.7 V : -40°C / +85°C
–VCC = 1.6 V : -40°C (Read) / 0°C (Write) /
+85°C
 Schmitt trigger inputs for noise filtering
 Write
– Byte Write within 5 ms
– Page Write within 5 ms
 Random and sequential read modes
 ESD protection
– Human Body Model: 4 kV
 Write cycle endurance
– 4 million Write cycles at 25 °C
– 1.2 million Write cycles at 85 °C
 More than 200-years data retention
WLCSP (CU)
www.st.com


Similar Part No. - M24C16-DFCU6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-DRDW3TG STMICROELECTRONICS-M24C16-DRDW3TG Datasheet
589Kb / 37P
Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
07-Jan-2015
M24C16-DRDW3TP STMICROELECTRONICS-M24C16-DRDW3TP Datasheet
589Kb / 37P
Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
07-Jan-2015
M24C16-DRDW8TG STMICROELECTRONICS-M24C16-DRDW8TG Datasheet
1Mb / 39P
16-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
M24C16-DRDW8TP STMICROELECTRONICS-M24C16-DRDW8TP Datasheet
1Mb / 39P
16-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
M24C16-DRE STMICROELECTRONICS-M24C16-DRE Datasheet
1Mb / 39P
16-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
More results

Similar Description - M24C16-DFCU6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32M-FCU STMICROELECTRONICS-M24C32M-FCU Datasheet
557Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
10-Feb-2016
M24C32S-FCU STMICROELECTRONICS-M24C32S-FCU Datasheet
598Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
14-Oct-2015
M24C32T-FCU STMICROELECTRONICS-M24C32T-FCU Datasheet
599Kb / 36P
32-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
M24C64M-FCU STMICROELECTRONICS-M24C64M-FCU Datasheet
554Kb / 35P
64-Kbit serial IC bus EEPROM 4 balls CSP
03-Feb-2016
M24C64S-FCU STMICROELECTRONICS-M24C64S-FCU Datasheet
599Kb / 35P
64-Kbit serial IC bus EEPROM 4 balls CSP
14-Oct-2015
M24C64T-FCU STMICROELECTRONICS-M24C64T-FCU Datasheet
598Kb / 36P
64-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
M24128S-FCU STMICROELECTRONICS-M24128S-FCU Datasheet
653Kb / 40P
128-Kbit serial I²C bus EEPROM 4 balls CSP
November 2015 Rev 7
M24128T-FCU STMICROELECTRONICS-M24128T-FCU Datasheet
599Kb / 36P
128-Kbit serial I²C bus EEPROM 4 balls CSP
October 2015 Rev 1
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24C64P-FCU STMICROELECTRONICS-M24C64P-FCU Datasheet
631Kb / 36P
64-Kbit serial I²C bus EEPROM 4 balls CSP
10-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com