Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C16-DFCU6TP Datasheet(PDF) 24 Page - STMicroelectronics

Part # M24C16-DFCU6TP
Description  16-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DFCU6TP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M24C16-DFCU6TP Datasheet HTML 20Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 21Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 22Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 23Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 24Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 25Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 26Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 27Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
DC and AC parameters
M24C16-DFCU
24/35
DocID026468 Rev 2
9
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Figure 8. AC measurement I/O waveform
Table 6. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.6
1.7
5.5
V
TA
Ambient operating temperature: Read
–40
-40
85
°C
Ambient operating temperature: Write
0
-40
fC
Operating clock frequency @1.6 V
-
400
kHz
Operating clock frequency @1.7 V
-
1000
Table 7. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
Cbus
Load capacitance
100
pF
-
SCL input rise/fall time, SDA input fall time
-
50
ns
-
Input levels
0.2 VCC to 0.8 VCC
V
-
Input and output timing reference levels
0.3 VCC to 0.7 VCC
V
Table 8. Input parameters
Symbol
Parameter (1)
1. Characterized only, not tested in production.
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
-
-
8
pF
CIN
Input capacitance (other pins)
-
-
6
pF
ZL
Input impedance (WC)
VIN < 0.3 VCC
30
-
k
ZH
VIN > 0.7 VCC
500
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com