Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST25TA02K
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 7Page - STMicroelectronics ST25TA02K Datasheet HTML 8Page - STMicroelectronics ST25TA02K Datasheet HTML 9Page - STMicroelectronics ST25TA02K Datasheet HTML 10Page - STMicroelectronics ST25TA02K Datasheet HTML 11Page - STMicroelectronics ST25TA02K Datasheet HTML 12Page - STMicroelectronics ST25TA02K Datasheet HTML 13Page - STMicroelectronics ST25TA02K Datasheet HTML 14Page - STMicroelectronics ST25TA02K Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DocID027801 Rev 1
11/50
ST25TA02K
ST25TA02K memory management
3
ST25TA02K memory management
3.1
Memory structure
The ST25TA02K supports the NDEF Tag Application as defined in the NFC Forum Type 4
Tag. The ST25TA02K is composed of three files:
•
One Capability Container file
•
One NDEF file
•
One System file: this file is an ST-proprietary file
The System file contains some information on the configuration of the ST25TA02K device.
The CC file gives some information about the ST25TA02K itself and the NDEF file. The
NDEF file contains the User data.
3.1.1
File identifier
The file identifier is the value used in the Select command to select a file.
3.1.2
CC file layout
The CC file gives some information about the ST25TA02K and the NDEF file. This file is a
read-only file for the RF host and cannot be modified by issuing a write command.
The T field, Read Access and Write Access fields can be changed by the RF host by issuing
a specific process (refer to Section 7: Functional procedures).
Table 3. File identifier
File identifier
Meaning
0xE101
System file
0xE103
CC file
0x0001
NDEF file
Table 4. CC file layout for 1 NDEF file
File offset
Meaning
Value
Comments
0x0000
Length CC file
0x000F
15 bytes
0x0002
Mapping version(1)
0x20 or 0x10
V 2.0 or V 1.0
0x0003
Maximum number of bytes that can be read
0x00FF
255 bytes
0x0005
Maximum number of bytes that can be written
0x0036
54 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com