Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25TA02K
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 21Page - STMicroelectronics ST25TA02K Datasheet HTML 22Page - STMicroelectronics ST25TA02K Datasheet HTML 23Page - STMicroelectronics ST25TA02K Datasheet HTML 24Page - STMicroelectronics ST25TA02K Datasheet HTML 25Page - STMicroelectronics ST25TA02K Datasheet HTML 26Page - STMicroelectronics ST25TA02K Datasheet HTML 27Page - STMicroelectronics ST25TA02K Datasheet HTML 28Page - STMicroelectronics ST25TA02K Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
DocID027801 Rev 1
25/50
ST25TA02K
RF command sets
47
Note:
After receiving the deselect command, the session is released and ST25TA02K enters the
Standby power mode.
In response to a RATS command, ST25TA02K returns FWI parameter (default frame waiting
time used); when ST25TA02K needs more time for a command execution, it requests a
frame waiting time extension by responding 0xF2 0xWTX (Request waiting time = FWI *
WTX). If the reader accepts ST25TA02K request, it acknowledges by sending the command
0xF2 0xWTX. The frame waiting time becomes FWI * WTX for the current command only.
5.5
CRC of the RF frame
The two CRC bytes check the data transmission between the RF host and the ST25TA02K.
For the RF frame, the CRC is computed on all the data bits in the frame, excluding parity
bits, SOF and EOF, and the CRC itself.
The CRC is as defined in ISO/IEC 13239. The initial register content shall be 0x6363 and
the register content shall not be inverted after calculation.
5.6
NFC Forum Type 4 Tag protocol
5.6.1
Commands set
ST25TA02K command set is built to easily support the NFC Forum Type 4 Tag protocol.
5.6.2
Status and error codes
This section lists the status and the error code of the ST25TA02K.
Table 19. Command set overview
Command name
Brief description
NDEF Tag Application Select
Select the NDEF Tag Application
Capability Container Select
Select the capability container (CC) file using the Select command
NDEF Select
Select the NDEF file using the Select command.
System File Select
Select the system file using the Select command.
ReadBinary
Read data from a file
UpdateBinary
Write new data to a file
Table 20. Status code of the ST25TA02K
SW1
SW2
Comment
Value
0x90
0x00
Command completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com