Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25TA02K
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 8Page - STMicroelectronics ST25TA02K Datasheet HTML 9Page - STMicroelectronics ST25TA02K Datasheet HTML 10Page - STMicroelectronics ST25TA02K Datasheet HTML 11Page - STMicroelectronics ST25TA02K Datasheet HTML 12Page - STMicroelectronics ST25TA02K Datasheet HTML 13Page - STMicroelectronics ST25TA02K Datasheet HTML 14Page - STMicroelectronics ST25TA02K Datasheet HTML 15Page - STMicroelectronics ST25TA02K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
ST25TA02K memory management
ST25TA02K
12/50
DocID027801 Rev 1
3.1.3
NDEF file layout
The NDEF file contains the NDEF message which contains the User data. The RF host can
read and write data inside the file. The first two bytes named NDEF Message Length define
the size of the NDEF message. The NDEF Message Length shall be managed by the
application and the ST25TA02K device does not check if its value is relevant vs the data
written by the RF host. The ST25TA02K device uses the NDEF Message Length, e. g. the
standard read can be processed only inside the NDEF message; otherwise, the
ST25TA02K device returns an error code. For more details about the read command, refer
to Section 5.6.7: ReadBinary command.
0x0007
NDEF file control TLV
0x04 (2)
T field
0x0008
0x06
L field
0x0009
0x0001
FileID
0x000B
0x0100
Maximum NDEF
file size in Byte
0x000D
0x00 (2)
Read access
0x000E
0x00 (2)
Write access
1. According to the reader command format ST25TA02K will automatically align to the corresponding NFC
Forum version.
2. Delivery state.
Table 4. CC file layout for 1 NDEF file (continued)
File offset
Meaning
Value
Comments
Table 5. NDEF file layout
File offset
Byte 0
Byte 1
Byte 2
Byte 3
0x0000
NDEF message length
User data
User data
0x0004
User data
User data
User data
User data
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
0x00FC
...
...
...
User data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com