Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25TA02K
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 23Page - STMicroelectronics ST25TA02K Datasheet HTML 24Page - STMicroelectronics ST25TA02K Datasheet HTML 25Page - STMicroelectronics ST25TA02K Datasheet HTML 26Page - STMicroelectronics ST25TA02K Datasheet HTML 27Page - STMicroelectronics ST25TA02K Datasheet HTML 28Page - STMicroelectronics ST25TA02K Datasheet HTML 29Page - STMicroelectronics ST25TA02K Datasheet HTML 30Page - STMicroelectronics ST25TA02K Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
DocID027801 Rev 1
27/50
ST25TA02K
RF command sets
47
5.6.3
NDEF Tag Application Select command
the RF host shall send this command to activate the NDEF Tag Application.
To activate the NDEF Tag Application, the RF host sends the Select command (see
Table 22) in addition to the sequence defined in the NFC Forum digital protocol.
Table 22 defines the C-APDU of the Select command to select the NDEF Tag Application
(called NDEF Tag Application Select).
Table 23 defines the R-APDU of the NDEF Tag Application Select command.
Note:
For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.6.4
Capability Container Select command
The RF host uses the Capability Container Select procedure to select the capability
container (CC) file.
The CC file is selected when this command returns "command completed" in the R-APDU.
Table 24 defines the C-APDU of the Select command to select the CC file (called Capability
Container Select).
Table 22. C-APDU of the NDEF Tag Application Select command
Name
CLA
INS
P1
P2
Lc
Data
Le
-
0x00
0xA4
0x04
0x00
0x07
0xD27600
00850101
0x00
Class byte
Select instruction code
P1 field
P2 field
Number of bytes of data
Application ID
Le field
Table 23. R-APDU of the NDEF Tag Application Select command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x6A
0x82
NDEF Tag Application not found
Value
-
0x6D
0x00
Class not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com