Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25TA02K
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 20Page - STMicroelectronics ST25TA02K Datasheet HTML 21Page - STMicroelectronics ST25TA02K Datasheet HTML 22Page - STMicroelectronics ST25TA02K Datasheet HTML 23Page - STMicroelectronics ST25TA02K Datasheet HTML 24Page - STMicroelectronics ST25TA02K Datasheet HTML 25Page - STMicroelectronics ST25TA02K Datasheet HTML 26Page - STMicroelectronics ST25TA02K Datasheet HTML 27Page - STMicroelectronics ST25TA02K Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
RF command sets
ST25TA02K
24/50
DocID027801 Rev 1
5.4
S-Block format
The S-Block is used to exchange control information between a reader and a contactless
tag.
There are two requests using the S-Block format:
•
S(DES): the deselect command
•
S(WTX): the Waiting Frame eXtension command or response.
A Waiting Time eXtension request occurs in RF when the operating time needed by
ST25TA02K is greater than 19.2 ms.
The WTX field indicates the increase time factor to be used in this command execution
(FDTtemp = WTX * 19.2 ms). WTX depends on FWI.
Table 17. S-Block format
NFC frame
SoD
-
EoD
PCB
DID
Payload
CRC
Length
1 byte
1 byte
1 byte
2 bytes
0xC2: for S(DES) when the DID field is not present
0xCA: for S(DES) when the DID field is present
0xF2: for S(WTX) when the DID field is not present
0xFA: for S(WTX) when the DID field is present
DID field (optional)
WTX field (optional)(1)
1. This field is present when b5-b4 bits are set to 0b11 (S-Block is a WTX). see Table 18: S-Block detailed
format.
2 CRC bytes
Table 18. S-Block detailed format
b7-b6
b5-b4
b3
b2
b1
b0
0b11
X
X
0
1
0
S-Block
0b00: Deselect
0b11: WTX
0: DID field is not present
1: DID field is present
Must be set to 0
Must be set to 1
Must be set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com