Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2S017DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017DBVR
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TPD2S017DBVR Datasheet HTML 1Page - Texas Instruments TPD2S017DBVR Datasheet HTML 2Page - Texas Instruments TPD2S017DBVR Datasheet HTML 3Page - Texas Instruments TPD2S017DBVR Datasheet HTML 4Page - Texas Instruments TPD2S017DBVR Datasheet HTML 5Page - Texas Instruments TPD2S017DBVR Datasheet HTML 6Page - Texas Instruments TPD2S017DBVR Datasheet HTML 7Page - Texas Instruments TPD2S017DBVR Datasheet HTML 8Page - Texas Instruments TPD2S017DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPD2S017
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................... 6
1
Features .................................................................. 1
7.4
Device Functional Modes.......................................... 6
2
Applications ........................................................... 1
8
Application and Implementation .......................... 7
3
Description ............................................................. 1
8.1
Application Information.............................................. 7
4
Revision History..................................................... 2
8.2
Typical Application ................................................... 7
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ........................ 9
6
Specifications......................................................... 3
10
Layout..................................................................... 9
6.1
Absolute Maximum Ratings ...................................... 3
10.1
Layout Guidelines ................................................... 9
6.2
ESD Ratings.............................................................. 3
10.2
Layout Example ...................................................... 9
6.3
Recommended Operating Conditions ....................... 3
11
Device and Documentation Support ................. 10
6.4
Thermal Information .................................................. 4
11.1
Community Resources.......................................... 10
6.5
Electrical Characteristics........................................... 4
11.2
Trademarks ........................................................... 10
6.6
Dissipation Ratings ................................................... 4
11.3
Electrostatic Discharge Caution ............................ 10
6.7
Typical Characteristics .............................................. 5
11.4
Glossary ................................................................ 10
7
Detailed Description .............................................. 6
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................... 6
Information ........................................................... 10
7.2
Functional Block Diagram ......................................... 6
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2015) to Revision B
Page
•
Added ƒ = 10 MHz to the test condition of IO capacitance in the Electrical Characteristics table ....................................... 4
Changes from Original (September 2009) to Revision A
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com