Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2S017DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017DBVR
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPD2S017DBVR Datasheet HTML 1Page - Texas Instruments TPD2S017DBVR Datasheet HTML 2Page - Texas Instruments TPD2S017DBVR Datasheet HTML 3Page - Texas Instruments TPD2S017DBVR Datasheet HTML 4Page - Texas Instruments TPD2S017DBVR Datasheet HTML 5Page - Texas Instruments TPD2S017DBVR Datasheet HTML 6Page - Texas Instruments TPD2S017DBVR Datasheet HTML 7Page - Texas Instruments TPD2S017DBVR Datasheet HTML 8Page - Texas Instruments TPD2S017DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vcc (optional)
Ch1_In
Ch1_Out
Ch2_In
Ch2_Out
CH1
CH2
TPD2S017
Power Supply
ESD sensitive
device
Connector
(source of ESD)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPD2S017
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
TPD2S017 2-Channel Ultra-Low Clamp Voltage ESD
Solution With Series-Resistor Isolation
1 Features
3 Description
The
TPD2S017
is
a
two
channel
electrostatic
1
•
Ultra-Low Clamping Voltage Ensures the
discharge (ESD) protection device. This protection
Protection of Ultra-Low Voltage Core Chipset
product
offers
two-stage
ESD
transient
voltage
During ESD Events
suppression (TVS) diodes in each line with a typically
•
IEC 61000-4-2 ESD Protection
1-
Ω series resistor isolation. This architecture allows
the device to clamp at a very low voltage during
•
Matching of Series Resistor (R = 1
Ω) of ±8 mΩ
system level ESD strikes.
(Typical)
•
Differential Channel Input Capacitance Matching
The TPD2S017 conforms to the IEC61000-4-2 ESD
of 0.02 pF (Typical)
protection standard. Due to the series resistor
component, the TPD2S017 provides a controlled filter
•
High-Speed Data Rate and EMI Filter Action at
roll-off for even greater spurious EMI suppression and
High Frequencies (–3 dB Bandwidth,
≉3 GHz)
signal integrity. The monolithic silicon technology
•
Available in 6-Pin Small-Outline Transistor [SOT-
allows good matching of the component values,
23 (DBV)] Package
including the clamp capacitances and the series
resistors between the differential signal pairs. The
•
Easy Straight-Through Routing Packages
tight matching of the line capacitance and series
resistors ensures that the differential signal distortion
2 Applications
due to added ESD clamp remains minimal, and it also
•
Hi-Speed USBs
allows the part to operate at high-speed differential
•
IEEE 1394 Interfaces
data rate (in excess of 1.5 Gbps). The DBV package
offers a flow-through pin mapping for ease of board
•
Low-Voltage Differential Signaling (LVDS)
layout.
•
Mobile Display Digital Interfaces (MDDI) and
Typical applications of this ESD protection device are
Mobile Industry Processor Interfaces (MIPI)
circuit protection for USB data lines, IEEE 1394
•
HS Signals
Interfaces, LVDS, MDDI/MIPI and HS signals.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD2S017
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD2S017DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017DBVR TI-TPD2S017DBVR Datasheet
424Kb / 10P
2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
More results

Similar Description - TPD2S017DBVR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
logo
Texas Instruments
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
13-Channel ESD Protection Solution
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
2 Channel Ultra low capacitance ESD Protection
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com