Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2S017DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017DBVR
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPD2S017DBVR Datasheet HTML 1Page - Texas Instruments TPD2S017DBVR Datasheet HTML 2Page - Texas Instruments TPD2S017DBVR Datasheet HTML 3Page - Texas Instruments TPD2S017DBVR Datasheet HTML 4Page - Texas Instruments TPD2S017DBVR Datasheet HTML 5Page - Texas Instruments TPD2S017DBVR Datasheet HTML 6Page - Texas Instruments TPD2S017DBVR Datasheet HTML 7Page - Texas Instruments TPD2S017DBVR Datasheet HTML 8Page - Texas Instruments TPD2S017DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPD2S017
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
6.4 Thermal Information
TPD2S017
THERMAL METRIC(1)
DBV (SOT-23)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
192.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
166.2
°C/W
RθJB
Junction-to-board thermal resistance
39.8
°C/W
ψJT
Junction-to-top characterization parameter
44.7
°C/W
ψJB
Junction-to-board characterization parameter
39.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
Series resistor
1
Ω
IIO
Current from I/O pins
VIO = 3 V
0.01
0.1
μA
Channel-to-channel resistance
ΔRS
VIO = 3 V
±8
±15
m
Ω
match
Diode forward voltage for lower
VD
ID = 8 mA
–0.6
–0.8
–0.95
V
clamp
RDYN
Dynamic resistance (for I/O clamp)
I = 9 A
0.8
Ω
CIO
IO capacitance
VIO = 2.5 V; ƒ = 10 MHz
1
pF
VBR
Break-down voltage
IO = 1 mA
11
12
V
6.6 Dissipation Ratings
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
PACKAGE
POWER RATING
ABOVE TA ≤ 25°C
POWER RATING
DBV
463.18 mW
–4.63 mW/C
254.75 mW
(1)
Derating factor is defined as the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com