Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2S017DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017DBVR
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017DBVR Datasheet(HTML) 3 Page - Texas Instruments

  TPD2S017DBVR Datasheet HTML 1Page - Texas Instruments TPD2S017DBVR Datasheet HTML 2Page - Texas Instruments TPD2S017DBVR Datasheet HTML 3Page - Texas Instruments TPD2S017DBVR Datasheet HTML 4Page - Texas Instruments TPD2S017DBVR Datasheet HTML 5Page - Texas Instruments TPD2S017DBVR Datasheet HTML 6Page - Texas Instruments TPD2S017DBVR Datasheet HTML 7Page - Texas Instruments TPD2S017DBVR Datasheet HTML 8Page - Texas Instruments TPD2S017DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1
6
Ch2_Out
2
5
V
CC
3
Ch1_Out
GND
Ch1_In
4
Ch2_In
TPD2S017
www.ti.com
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Ch1_In
3
I
High-speed ESD clamp input
Ch2_In
4
Ch1_Out
1
O
High-speed ESD clamp output
Ch2_Out
6
GND
2
—
Ground
VCC
5
—
Optional power
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIO
IO voltage
0
5
V
TA
Operating temperature
–40
85
°C
Tstg
Storage temperature
–85
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±15000
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
V(ESD)
Electrostatic discharge
V
C101(2)
IEC 61000-4-2 Contact Discharge
±11000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating free-air temperature, TA
–40
85
°C
VCC
0
5
Operating voltage
Ch1_In
0
VCC
V
Ch2_In
0
VCC
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com