Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2S017DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017DBVR
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD2S017DBVR Datasheet HTML 4Page - Texas Instruments TPD2S017DBVR Datasheet HTML 5Page - Texas Instruments TPD2S017DBVR Datasheet HTML 6Page - Texas Instruments TPD2S017DBVR Datasheet HTML 7Page - Texas Instruments TPD2S017DBVR Datasheet HTML 8Page - Texas Instruments TPD2S017DBVR Datasheet HTML 9Page - Texas Instruments TPD2S017DBVR Datasheet HTML 10Page - Texas Instruments TPD2S017DBVR Datasheet HTML 11Page - Texas Instruments TPD2S017DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
20
40
60
80
100
120
140
160
180
200
Time (nS)
-5
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
TPD2S017
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer should make sure:
•
Voltage range on the protected lines must not go beyond one forward diode drop above the VCC and must no
go below one forward diode drop below the ground.
•
Operating frequency is supported by the IO capacitance CIO.
•
IEC 61000-4-2 protection requirement is covered by the IEC performance of the TVS diode.
For this application, a high speed USB 2.0 signal that ranges from –10 mV to 440 mV will be applied to each line.
Connect a 5-V power supply to VCC pin; therefore, the signal will not fall outside of the normal operation range
and the TPD2S017 will stay passive and low leakage during normal operation.
Next, consider the data rate of this signal and ensure that the TVS I/O capacitance will not distort this signal by
filtering it. The speed of a USB 2.0 high-speed signal is 480 Mbit/s. With TPD2S017's ultra low IO capacitance,
this device can support 1.5 Gbit/s data rate and thus can pass USB 2.0 high-speed signal with minimal distortion.
Finally, TPD2S017 is rated for the IEC 61000-4-2 (Level 4) so it provides sufficient system-level ESD protection
to the human interface in this application. See Layout Example for instructions on properly laying out TPD2S017.
8.2.3 Application Curves
Figure 7. IEC Clamping Waveforms
Figure 8. IEC Clamping Waveforms
8-kV Contact, 1-GHz Bandwidth
–8-kV Contact, 1-GHz Bandwidth
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com