Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF01SA Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPWF01SA
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPWF01SA Datasheet HTML 2Page - STMicroelectronics SPWF01SA Datasheet HTML 3Page - STMicroelectronics SPWF01SA Datasheet HTML 4Page - STMicroelectronics SPWF01SA Datasheet HTML 5Page - STMicroelectronics SPWF01SA Datasheet HTML 6Page - STMicroelectronics SPWF01SA Datasheet HTML 7Page - STMicroelectronics SPWF01SA Datasheet HTML 8Page - STMicroelectronics SPWF01SA Datasheet HTML 9Page - STMicroelectronics SPWF01SA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Pinout description
SPWF01SA, SPWF01SC
6/16
DocID025635 Rev 6
5
Pinout description
Table 5. Pinout description
Signal Name
Type
PIN Number
Main function
Alternate
functions(1)
Notes
GPIO - general purpose input/output
GPIO[0]
I/O
16
General purpose
input/output
Restore to factory
settings(2)
Input pull down and
5V tolerant
GPIO[1]
I/O
17
General purpose
input/output
PWM
Input pull down and
5V tolerant
GPIO[2]
I/O
19
General purpose
input/output
Floating and 5V
tolerant
GPIO[3]
I/O
1
General purpose
input/output
Input pull down and
5V tolerant
GPIO[6]
I/O
22
General purpose
input/output
Wake Up/Sleep
Inhibit(3)
Input pull down and
5V tolerant
GPIO[4]
I/O
18
General purpose
input/output
GPIO[5]
I/O
20
General purpose
input/output
GPIO[7]
I/O
13
General purpose
input/output
STA/Mini AP
switch (4)
GPIO[8]
I/O
4
General purpose
input/output
ADC
GPIO[9]
I/O
7
General purpose
input/output
GPIO[11]
I/O
11
GPIO[12]
I/O
12
General purpose
input/output
GPIO[15]
I/O
21
General purpose
input/output
DAC
Monitoring purpose with no alternate function
GPIO[10]
I/O
5
LED Drive, Blinking
while run
GPIO[13]
I/O
15
LED Drive, WiFi
Link up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com