Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF01SA Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPWF01SA
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SA Datasheet(HTML) 2 Page - STMicroelectronics

  SPWF01SA Datasheet HTML 1Page - STMicroelectronics SPWF01SA Datasheet HTML 2Page - STMicroelectronics SPWF01SA Datasheet HTML 3Page - STMicroelectronics SPWF01SA Datasheet HTML 4Page - STMicroelectronics SPWF01SA Datasheet HTML 5Page - STMicroelectronics SPWF01SA Datasheet HTML 6Page - STMicroelectronics SPWF01SA Datasheet HTML 7Page - STMicroelectronics SPWF01SA Datasheet HTML 8Page - STMicroelectronics SPWF01SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Description
SPWF01SA, SPWF01SC
2/16
DocID025635 Rev 6
1
Description
The SPWF01SA and the SPWF01SC intelligent Wi-Fi modules represent a plug and play
and standalone 802.11 b/g/n solution for easy integration of wireless Internet connectivity
features into existing or new products.
Configured around a single-chip 802.11 transceiver with integrated PA and an STM32
microcontroller with an extensive GPIO suite, the modules also incorporate timing clocks
and voltage regulators. Two different options exist based on the integrated Flash memory.
The SPWF01Sx.1y orderable parts integrate 1.5 MB of Flash, while The SPWF01Sx.2y
orderable parts integrate 512 kB of Flash.
The module is available either configured with an embedded micro 2.45 GHz ISM band
antenna (SPWF01SA), or with an u.fl connector for external antenna connection
(SPWF01SC).
With low power consumption and small form factor, the modules are ideal for fixed and
mobile wireless applications, as well as challenging battery-operated applications.
The SPWF01Sx.y1 orderable parts are released with an integrated full featured TCP/IP
protocol stack with added web server and additional application service capabilities. The
SW package also includes an AT command layer interface for user-friendly access to the
stack functionalities via the UART serial port. For details, see the user manual UM1695.
Figure 1. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com