Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF01SA Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPWF01SA
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SA Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPWF01SA Datasheet HTML 6Page - STMicroelectronics SPWF01SA Datasheet HTML 7Page - STMicroelectronics SPWF01SA Datasheet HTML 8Page - STMicroelectronics SPWF01SA Datasheet HTML 9Page - STMicroelectronics SPWF01SA Datasheet HTML 10Page - STMicroelectronics SPWF01SA Datasheet HTML 11Page - STMicroelectronics SPWF01SA Datasheet HTML 12Page - STMicroelectronics SPWF01SA Datasheet HTML 13Page - STMicroelectronics SPWF01SA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Regulatory compliance
SPWF01SA, SPWF01SC
10/16
DocID025635 Rev 6
Labeling instructions
When integrating the SPWF01SA and SPWF01SC into the final product, it must be ensured
that the FCC labeling requirements specified below are satisfied. Based on the Public
Notice from FCC, the product into which the ST transmitter module is installed must display
a label referring to the enclosed module. The label should use wording like the following:
Contains Transmitter Module
FCC ID: VRA-SG90112013
IC: 7420A-SG9011203
Any similar wording that expresses the same meaning may also be used.
CE
This module complies with the following European EMI/EMC and safety directives and
standards:
ETSI EN 300 328 V1.8.1:2012
EN 301 489-1 V1.9.2:2011 + EN 301 489-17 V2.2.1:2009
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013
EN 62479:2010
Figure 3. CE certified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com