Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF01SA Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPWF01SA
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPWF01SA Datasheet HTML 3Page - STMicroelectronics SPWF01SA Datasheet HTML 4Page - STMicroelectronics SPWF01SA Datasheet HTML 5Page - STMicroelectronics SPWF01SA Datasheet HTML 6Page - STMicroelectronics SPWF01SA Datasheet HTML 7Page - STMicroelectronics SPWF01SA Datasheet HTML 8Page - STMicroelectronics SPWF01SA Datasheet HTML 9Page - STMicroelectronics SPWF01SA Datasheet HTML 10Page - STMicroelectronics SPWF01SA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID025635 Rev 6
7/16
SPWF01SA, SPWF01SC
Pinout description
16
GPIO[14]
I/O
14
LED Drive, Power
Up
UART Pins
RXD1
I
8
UART1 Receive
data input
5V tolerant
TXD1
O
6
UART1 Transmit
data output
5V Tolerant
CTS1_DN
I
9
UART1 Clear To
Send input
Active Low, 5V
Tolerant
RTS1_DP
O
10
UART1 Request to
send output
Active Low, 5V
tolerant
Reset
RESETn
I
3
Reset input
Active low for 5 ms
with pull up to
2.5VDC. Not 5V
tolerant
Supply pins and paddle
3.3 V
24
Voltage Supply
Decouple with 10uF
capacitor
Ground
23
Ground
Ground Paddle
25
Ground
Add plenty of ground
vias for thermal
dissipation and ground
return
Boot loader
BOOT0
I
2
Boot loader (5)
1.
The activation of ALT function depends upon the firmware version or upon the variable configuration.
2.
To perform the factory reset of the variables, pin GPIO0 must be high during powerup.
3.
GPIO function running when low power mode variable is enabled.
4.
Introduced with the release 3.0 of AT Full stack. To enable the STAToMiniAP switch the GPIO[7] needs to be put low
together with the HW reset
5.
To enable the firmware download, pin BOOT0 needs to be high during power up. RESETn need to be pulled low at least 5
ms to initiate the firmware download sequence.
PIN 26 to PIN 30 are Reserved and they can be left floating in the final design
Application tip
As a general rule, when commutation issues occur, a level translator should be used to match the I/O
pins voltage of the connected device.
The HOST processor should control the RESETn pin of the module in order to recover unexpected
behaviors using the HW reset.
Table 5. Pinout description (continued)
Signal Name
Type
PIN Number
Main function
Alternate
functions(1)
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com